Electronic Components Datasheet Search
  English  ▼

X  

SH7713 Datasheet(PDF) 469 Page - Renesas Technology Corp

Part # SH7713
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  904 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7713 Datasheet(HTML) 469 Page - Renesas Technology Corp

Back Button SH7713 Datasheet HTML 465Page - Renesas Technology Corp SH7713 Datasheet HTML 466Page - Renesas Technology Corp SH7713 Datasheet HTML 467Page - Renesas Technology Corp SH7713 Datasheet HTML 468Page - Renesas Technology Corp SH7713 Datasheet HTML 469Page - Renesas Technology Corp SH7713 Datasheet HTML 470Page - Renesas Technology Corp SH7713 Datasheet HTML 471Page - Renesas Technology Corp SH7713 Datasheet HTML 472Page - Renesas Technology Corp SH7713 Datasheet HTML 473Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 469 / 904 page
background image
Section 12 Bus State Controller (BSC)
Rev.1.50 Aug. 30, 2006 Page 429 of 860
REJ09B0288-0150
1. Auto-refreshing
Refreshing is performed at intervals determined by the input clock selected by bits CKS[2:0]
in RTCSR, and the value set by in RTCOR. The value of bits CKS[2:0] in RTCOR should be
set so as to satisfy the refresh interval stipulation for the synchronous DRAM used. First make
the settings for RTCOR, RTCNT, and the RMODE and RFSH bits in SDCR, then make the
CKS[2:0] and RRC[2:0] settings. When the clock is selected by bits CKS[2:0], RTCNT starts
counting up from the value at that time. The RTCNT value is constantly compared with the
RTCOR value, and if the two values are the same, a refresh request is generated and an auto-
refresh is performed for the number of times specified by the RRC[2:0]. At the same time,
RTCNT is cleared to 0 and the count-up is restarted. Figure 12.25 shows the auto-refresh cycle
timing.
After starting, the auto refreshing, PALL command is issued in the Tp cycle to make all the
banks to precharged state from active state when some bank is being precharged. Then REF
command is issued in the Trr cycle after inserting idle cycles of which number is specified by
the TRP[1:0]bits in CSnWCR. A new command is not issued for the duration of the number of
cycles specified by the TRC[1:0] bits in CSnWCR after the Trr cycle. The TRC[1:0] bits must
be set so as to satisfy the SDRAM refreshing cycle time stipulation (tRC). A NOP cycle is
inserted between the Tp cycle and Trr cycle when the setting value of the TRP[1:0] bits in
CSnWCR is longer than or equal to 1 cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com