Electronic Components Datasheet Search
  English  ▼

X  

SH7713 Datasheet(PDF) 864 Page - Renesas Technology Corp

Part # SH7713
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  904 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7713 Datasheet(HTML) 864 Page - Renesas Technology Corp

Back Button SH7713 Datasheet HTML 860Page - Renesas Technology Corp SH7713 Datasheet HTML 861Page - Renesas Technology Corp SH7713 Datasheet HTML 862Page - Renesas Technology Corp SH7713 Datasheet HTML 863Page - Renesas Technology Corp SH7713 Datasheet HTML 864Page - Renesas Technology Corp SH7713 Datasheet HTML 865Page - Renesas Technology Corp SH7713 Datasheet HTML 866Page - Renesas Technology Corp SH7713 Datasheet HTML 867Page - Renesas Technology Corp SH7713 Datasheet HTML 868Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 864 / 904 page
background image
Section 24 Electrical Characteristics
Rev.1.50 Aug. 30, 2006 Page 824 of 860
REJ09B0288-0150
Table 24.8
Bus Timing (2)
(Conditions: V
CCQ = VCCQ-RTC = 3.0 to 3.6 V, VCC = VCC-PLL1 = VCC-PLL2 = 1.4 to 1.6 V,
V
SSQ = VSS = VSSQ-RTC = VSS-PLL1 = VSS-PLL2 = 0 V, Ta = –20 to 75°C, clock mode 0/1/2/4/5/6/7)
Item
Symbol
Min.
Max.
Unit
Figure
Address delay time 3
t
AD3
1/2 t
cyc
1/2 t
cyc+12
ns
24.44 to 24.47
CS delay time 2
t
CSD2
1/2 t
cyc
1/2 t
cyc+10
24.44 to 24.47
Read/write delay time 2
t
RWD2
1/2 t
cyc
1/2 t
cyc+10
24.44 to 24.47
Read data setup time 4
t
RDS4
1/2 t
cyc+6
—
24.44
Read data hold time 4
t
RDH4
0
—
24.44
Write data delay time 3
t
WDD3
—
1/2 t
cyc+12
24.44
Write data hold time 3
t
WDH3
1/2 t
cyc
—
24.44
RAS delay time 2
t
RASD2
1/2 t
cyc
1/2 t
cyc+10
24.44 to 24.47
CAS delay time 2
t
CASD2
1/2 t
cyc
1/2 t
cyc+10
24.44 to 24.47
DQM delay time 2
t
DQMD2
1/2 t
cyc
1/2 t
cyc+10
24.44
CKE delay time 2
t
CKED2
1/2 t
cyc
1/2 t
cyc+10
24.46



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com