Electronic Components Datasheet Search
  English  ▼

X  

SH7713 Datasheet(PDF) 871 Page - Renesas Technology Corp

Part # SH7713
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  904 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7713 Datasheet(HTML) 871 Page - Renesas Technology Corp

Back Button SH7713 Datasheet HTML 867Page - Renesas Technology Corp SH7713 Datasheet HTML 868Page - Renesas Technology Corp SH7713 Datasheet HTML 869Page - Renesas Technology Corp SH7713 Datasheet HTML 870Page - Renesas Technology Corp SH7713 Datasheet HTML 871Page - Renesas Technology Corp SH7713 Datasheet HTML 872Page - Renesas Technology Corp SH7713 Datasheet HTML 873Page - Renesas Technology Corp SH7713 Datasheet HTML 874Page - Renesas Technology Corp SH7713 Datasheet HTML 875Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 871 / 904 page
background image
Section 24 Electrical Characteristics
Rev.1.50 Aug. 30, 2006 Page 831 of 860
REJ09B0288-0150
24.3.9
SCIF Module Signal Timing
Table 24.11 SCIF Module Signal Timing
(Conditions: V
CCQ = VCCQ-RTC = 3.0 to 3.6 V, VCC = VCC-PLL1 = VCC-PLL2 = 1.4 to 1.6 V,
V
SSQ = VSS = VSSQ-RTC = VSS-PLL1 = VSS-PLL2 = 0 V, Ta = –20 to 75°C)
Module
Item
Symbol
Min.
Max.
Unit
Figure
Clock
synchronization
12
—
SCIF0,
SCIF1
Input clock
cycle
Asynchroniza-
tion
t
Scyc
4
—
t
Pcyc
24.51
24.52
Input clock rise time
t
SCKR
—
1.5
24.51
Input clock fall time
t
SCKF
—
1.5
Input clock pulse width
t
SCKW
0.4
0.6
t
Scyc
Transmission data delay time
t
TXD
—
3 t
Pcyc* + 50
ns
24.52
Receive data setup time
(clock synchronization)
t
RXS
2 t
Pcyc*
—
Receive data hold time
(clock synchronization)
t
RXH
2 t
Pcyc*
—
RTS delay time
t
RTSD
—
100
CTS setup time
(clock synchronization)
t
CTSS
100
—
CTS hold time
(clock synchronization)
t
CTSH
100
—
Note: * t
Pcyc indicates a peripheral clock (Pφ) cycle.
tSCKW
tSCKR
tSCKF
tScyc
SCIFnCK
Figure 24.51 SCIFnCK Input Clock Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com