Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 456 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 456 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 452Page - Renesas Technology Corp SH7721 Datasheet HTML 453Page - Renesas Technology Corp SH7721 Datasheet HTML 454Page - Renesas Technology Corp SH7721 Datasheet HTML 455Page - Renesas Technology Corp SH7721 Datasheet HTML 456Page - Renesas Technology Corp SH7721 Datasheet HTML 457Page - Renesas Technology Corp SH7721 Datasheet HTML 458Page - Renesas Technology Corp SH7721 Datasheet HTML 459Page - Renesas Technology Corp SH7721 Datasheet HTML 460Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 456 / 1524 page
background image
Section 9
Bus State Controller (BSC)
Rev. 3.00 Jan. 18, 2008 Page 394 of 1458
REJ09B0033-0300
(1)
Basic Timing for Memory Card Interface
Figure 9.38 shows the basic timing of the PCMCIA IC memory card interface. If areas 5 and 6 in
the physical space are specified as the PCMCIA interface, accessing the common memory areas in
areas 5 and 6 automatically accesses the IC memory card interface. If the external bus frequency
(CKIO) increases, the setup times and hold times for the address pins (A25 to A0) to RD and WE,
card enable signals (
CE1A, CE2A, CE1B, CE2B), and write data (D15 to D0) become
insufficient. To prevent this error, the LSI can specify the setup times and hold times for areas 5
and 6 in the physical space independently, using CS5BWCR and CS6BWCR. In the PCMCIA
interface, as in the normal space interface, a software wait or hardware wait can be inserted using
the WAIT pin. Figure 9.39 shows the PCMCIA memory bus wait timing.
Tpcm1w
CKIO
A25 to A0
CExx
RD/
WR
RD
D15 to D0
WE
D15 to D0
BS
Read
Write
Tpcm2
Tpcm1
Tpcm1w
Tpcm1w
Figure 9.38
Basic Access Timing for PCMCIA Memory Card Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com