Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 459 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 459 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 455Page - Renesas Technology Corp SH7721 Datasheet HTML 456Page - Renesas Technology Corp SH7721 Datasheet HTML 457Page - Renesas Technology Corp SH7721 Datasheet HTML 458Page - Renesas Technology Corp SH7721 Datasheet HTML 459Page - Renesas Technology Corp SH7721 Datasheet HTML 460Page - Renesas Technology Corp SH7721 Datasheet HTML 461Page - Renesas Technology Corp SH7721 Datasheet HTML 462Page - Renesas Technology Corp SH7721 Datasheet HTML 463Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 459 / 1524 page
background image
Section 9
Bus State Controller (BSC)
Rev. 3.00 Jan. 18, 2008 Page 397 of 1458
REJ09B0033-0300
(2)
Basic Timing for I/O Card Interface
Figures 9.41 and 9.42 show the basic timings for the PCMCIA I/O card interface.
The I/O card and IC memory card interfaces can be switched using an address to be accessed. If
area 5 of the physical space is specified as the PCMCIA, the I/O card interface can automatically
be accessed by accessing the physical addresses from H'16000000 to H'17FFFFFF. If area 6 of the
physical space is specified as the PCMCIA, the I/O card interface can automatically be accessed
by accessing the physical addresses from H'1A000000 to H'1BFFFFFF.
Note that areas to be accessed as the PCMCIA I/O card must be non-cached if they are virtual
space (space P2 or P3) areas, or a non-cached area specified by the MMU.
If the PCMCIA card is accessed as an I/O card in little endian mode, dynamic bus sizing for the
I/O bus can be achieved using the
IOIS16 signal. If the IOIS16 signal is brought high in a word-
size I/O bus cycle while the bus width of area 6 is specified as 16 bits, the bus width is recognized
as 8 bits and data is accessed twice in 8-bit units in the I/O bus cycle to be executed.
The
IOIS16 signal is sampled at the falling edge of CKIO in the Tpci0, Tpci0w, and Tpci1 cycles
when the TED[3:0] bits are specified as 1.5 cycles or more, and is reflected in the
CE2 signal 1.5
cycles after the CKIO sampling point. The TED[3:0] bits must be specified appropriately to satisfy
the setup time from
ICIORD and ICIOWR of the PC card to CEn.
Figure 9.43 shows the dynamic bus sizing basic timing.
Note that the
IOIS16 signal is not supported in big endian mode. In the big endian mode, the
IOIS16 signal must be fixed low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com