| Electronic Components Datasheet Search |
|
SH7721 Datasheet(PDF) 514 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7721 Datasheet(HTML) 514 Page - Renesas Technology Corp |
|
514 / 1524 page ![]() Section 10 Direct Memory Access Controller (DMAC) Rev. 3.00 Jan. 18, 2008 Page 452 of 1458 REJ09B0033-0300 CKIO Bus cycle DREQ (overrun 0, high level) DACK (high active) CKIO Bus cycle DREQ (overrun 1, high level) DACK (active-high) CPU First acceptance Second acceptance Third acceptance Dead zone Dead zone Dead zone First acceptance Second acceptance Third acceptance Dead zone Dead zone Dead zone Acceptance started Acceptance started DMAC write or read Acceptance started Acceptance started CPU DMAC write or read Figure 10.22 Timing of DREQ Input Detection by Edge Detection in Cycle Stealing Mode (DACK is Not Divided By Idle Cycle Insertion between Access Cycles and So DREQ Sampling is Accepted Normally) 10.5.3 Other Notes 1. Before making a transition to standby mode, either wait until DMA transfer finishes or suspend DMA transfer. 2. If an on-chip peripheral module whose clock supply is to be stopped by the module standby function is performing DMA transfer, either wait until DMA transfer finishes or suspend DMA transfer before making a transition to module standby mode. 3. Do not write to SAR, DAR, DMATCR, or DMARS during DMA transfer. Concerning Above Notes 1 and 2: DMA transfer end can be confirmed by checking whether the TE bit in CHCR is set to 1. To suspend DMA transfer, clear the DE bit in CHCR to 0. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |