| Electronic Components Datasheet Search |
|
SH7721 Datasheet(PDF) 511 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7721 Datasheet(HTML) 511 Page - Renesas Technology Corp |
|
511 / 1524 page ![]() Section 10 Direct Memory Access Controller (DMAC) Rev. 3.00 Jan. 18, 2008 Page 449 of 1458 REJ09B0033-0300 • 16-byte access • 32-bit access in an 8-bit space • 16-bit access in an 8-bit space • 32-bit access in a 16-bit space, Any one of the following inter-access idle cycle specifications has been made for that space: • Idle between write cycles (IWW = 001 or more) • Idle between read cycles in the same space (IWRRS = 001 or more) • External wait masking (WM = 0) Phenomena: For the access patterns above, the DREQ pin signal is detected with the timing shown in figures 10.19 and 10.21. For other access patterns, DREQ is detected normally as shown in figures 10.20 and 10.22. (3) How to Avoid the Problem For the external accesses under the conditions of 2 above, the problems can be avoided in the following way: 1. Detection of DREQ edges: During the bus cycle, input a DREQ edge (rising edge) only once at most. 2. When overrun-0 in DREQ level detection is specified: During the bus cycle, negate the DREQ input after detection of the first DACK output negation but before the second DACK output negation takes place. 3. When overrun-1 in DREQ level detection is specified: During the bus cycle, negate the DREQ input after detection of the first DACK output assertion but before the second DACK output assertion takes place. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |