Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 509 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 509 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 505Page - Renesas Technology Corp SH7721 Datasheet HTML 506Page - Renesas Technology Corp SH7721 Datasheet HTML 507Page - Renesas Technology Corp SH7721 Datasheet HTML 508Page - Renesas Technology Corp SH7721 Datasheet HTML 509Page - Renesas Technology Corp SH7721 Datasheet HTML 510Page - Renesas Technology Corp SH7721 Datasheet HTML 511Page - Renesas Technology Corp SH7721 Datasheet HTML 512Page - Renesas Technology Corp SH7721 Datasheet HTML 513Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 509 / 1524 page
background image
Section 10
Direct Memory Access Controller (DMAC)
Rev. 3.00 Jan. 18, 2008 Page 447 of 1458
REJ09B0033-0300
When an 8-bit or 16-bit external device is accessed in longword units, or when an 8-bit external
device is accessed in word units, the DACK output is divided because of the data alignment. This
example is illustrated in figure 10.18.
CKIO
CSn
WEn
WAIT
RD
Address
Data
T1
T2
Taw
T1
T2
Note: The DACK is asserted for the last transfer unit
of the DMA transfer. When the transfer unit is
divided into several bus cycles and the
CSn is
negated between bus cycles, the DACK is also
divided.
DACKn
(Active-low)
Figure 10.18
Example of BSC Ordinary Memory Access
(No Wait, Idle Cycle 1, Longword Access to 16-Bit Device)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com