Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 505 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 505 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 501Page - Renesas Technology Corp SH7721 Datasheet HTML 502Page - Renesas Technology Corp SH7721 Datasheet HTML 503Page - Renesas Technology Corp SH7721 Datasheet HTML 504Page - Renesas Technology Corp SH7721 Datasheet HTML 505Page - Renesas Technology Corp SH7721 Datasheet HTML 506Page - Renesas Technology Corp SH7721 Datasheet HTML 507Page - Renesas Technology Corp SH7721 Datasheet HTML 508Page - Renesas Technology Corp SH7721 Datasheet HTML 509Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 505 / 1524 page
background image
Section 10
Direct Memory Access Controller (DMAC)
Rev. 3.00 Jan. 18, 2008 Page 443 of 1458
REJ09B0033-0300
(4)
Bus Mode and Channel Priority
When the priority is set in fixed mode (CH0 > CH1), even though channel 1 is transferring in burst
mode, if there is a transfer request to channel 0 which has a higher priority, the transfer of channel
0 will begin immediately.
At this time, if channel 0 is also operating in burst mode, the channel 1 transfer will continue when
the channel 0 transfer with a higher priority has completely finished.
If channel 0 is operating in cycle steal mode, immediately after channel 0 with a higher priority
completes the transfer of one transfer unit, the channel 1 transfer will begin again without
releasing the bus mastership. Transfer will then switch between the two in the order of channel 0,
channel 1, channel 0, and channel 1. For the bus state, the CPU cycle after cycle steal mode
transfer finishes is replaced with a burst mode transfer cycle (hereafter referred to as burst mode
high-priority execution).
This example is illustrated in figure 10.12. If there are channels with conflicting burst transfers,
transfer for the channel with the highest priority is performed first.
In DMA transfer for more than one channel, the DMAC does not give the bus mastership to the
bus master until all conflicting burst transfers have finished.
CPU
DMA
CH1
DMA
CH1
DMA
CH0
DMA
CH1
DMA
CH0
DMA
CH1
DMA
CH1
CPU
CH0
CH1
CH0
DMAC CH0 and CH1
Cycle-steal mode
DMAC CH1
Burst mode
CPU
CPU
Priority: CH0 > CH1
CH0: Cycle-steal mode
CH1: Burst mode
DMAC CH1
Burst mode
Figure 10.12
Bus State when Multiple Channels are Operating
In round-robin mode, the priority changes according to the specifications shown in figure 10.3.
Note that a channel operating in cycle steal mode cannot be handled together with a channel
operating in burst mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com