| Electronic Components Datasheet Search |
|
SH7721 Datasheet(PDF) 502 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7721 Datasheet(HTML) 502 Page - Renesas Technology Corp |
|
502 / 1524 page ![]() Section 10 Direct Memory Access Controller (DMAC) Rev. 3.00 Jan. 18, 2008 Page 440 of 1458 REJ09B0033-0300 This intermittent mode can be used for all transfer section; transfer request source, transfer source, and transfer destination. The bus modes, however, must be cycle steal mode in all channels. Figure 10.10 shows an example of DMA transfer timing in cycle steal intermittent mode. Transfer conditions shown in the figure are: Dual address mode DREQ low level detection DREQ CPU CPU Bus cycle CPU More than 16 or 64 B φ (change by the CPU, LCDC, and USBH states of using bus) DMAC DMAC CPU CPU DMAC DMAC CPU Read/Write Read/Write Figure 10.10 Example of DMA Transfer in Cycle Steal Intermittent Mode (Dual Address, DREQ Low Level Detection) (b) Burst Mode In burst mode, once the DMAC obtains the bus mastership, the transfer is performed continuously without releasing the bus mastership until the transfer end condition is satisfied. In external request mode with level detection of the DREQ pin, however, when the DREQ pin is not active, the bus mastership passes to the other bus master after the DMAC transfer request that has already been accepted ends, even if the transfer end conditions have not been satisfied. Burst mode cannot be used for other than CMT (channels 0 to 4) when the on-chip peripheral module is the transfer request source. Figure 10.11 shows DMA transfer timing in burst mode. CPU CPU CPU DMAC DMAC DMAC DMAC DMAC DMAC CPU DREQ Bus cycle Read Read Read Write Write Write Figure 10.11 DMA Transfer Example in Burst Mode (Dual Address, DREQ Low Level Detection) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |