| Electronic Components Datasheet Search |
|
SH7721 Datasheet(PDF) 501 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7721 Datasheet(HTML) 501 Page - Renesas Technology Corp |
|
501 / 1524 page ![]() Section 10 Direct Memory Access Controller (DMAC) Rev. 3.00 Jan. 18, 2008 Page 439 of 1458 REJ09B0033-0300 (2) Bus Modes There are two bus modes: cycle steal mode and burst mode. Select the mode in the TB bits in the channel control register (CHCR). (a) Cycle-Steal Mode • Normal mode In cycle-steal normal mode, the bus mastership is given to another bus master after a one- transfer-unit (byte, word, longword, or 16-byte unit) DMA transfer. When another transfer request occurs, the bus mastership is obtained from the other bus master and a transfer is performed for one transfer unit. When that transfer ends, the bus mastership is passed to the other bus master. This is repeated until the transfer end conditions are satisfied. In cycle-steal normal mode, transfer areas are not affected regardless of settings of the transfer request source, transfer source, and transfer destination. Figure 10.9 shows an example of DMA transfer timing in cycle-steal normal mode. Transfer conditions shown in the figure are: Dual address mode DREQ low level detection CPU CPU CPU DMAC DMAC CPU DMAC DMAC CPU DREQ Bus cycle Bus mastership returned to CPU once Read/Write Read/Write Figure 10.9 DMA Transfer Example in Cycle-Steal Normal Mode (Dual Address, DREQ Low Level Detection) • Intermittent mode 16 and intermittent mode 64 In intermittent mode of cycle steal, the DMAC returns the bus mastership to other bus master whenever a unit of transfer (byte, word, longword, or 16-byte unit) is complete. If the next transfer request occurs after that, the DMAC gets the bus mastership from other bus master after waiting for 16 or 64 clocks in B φ count. The DMAC then transfers data of one unit and returns the bus mastership to other bus master. These operations are repeated until the transfer end condition is satisfied. It is thus possible to make lower the ratio of bus occupation by DMA transfer than cycle-steal normal mode. When the DMAC gets again the bus mastership, DMA transfer can be postponed in case of entry updating due to cache miss. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |