Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 497 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 497 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 493Page - Renesas Technology Corp SH7721 Datasheet HTML 494Page - Renesas Technology Corp SH7721 Datasheet HTML 495Page - Renesas Technology Corp SH7721 Datasheet HTML 496Page - Renesas Technology Corp SH7721 Datasheet HTML 497Page - Renesas Technology Corp SH7721 Datasheet HTML 498Page - Renesas Technology Corp SH7721 Datasheet HTML 499Page - Renesas Technology Corp SH7721 Datasheet HTML 500Page - Renesas Technology Corp SH7721 Datasheet HTML 501Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 497 / 1524 page
background image
Section 10
Direct Memory Access Controller (DMAC)
Rev. 3.00 Jan. 18, 2008 Page 435 of 1458
REJ09B0033-0300
(1)
Address Modes
(a)
Dual Address Mode
In dual address mode, both the transfer source and destination are accessed by an address. The
source and destination can be located externally or internally.
DMA transfer requires two bus cycles because data is read from the transfer source in a data read
cycle and written to the transfer destination in a data write cycle. At this time, transfer data is
temporarily stored in the DMAC. In the transfer between external memories as shown in figure
10.5, data is read to the DMAC from one external memory in a data read cycle, and then that data
is written to the other external memory in a write cycle.
Data buffer
Memory
Transfer source
module
Transfer destination
module
Memory
Transfer source
module
Transfer destination
module
SAR
DAR
Data buffer
SAR
DAR
The SAR value is an address, data is read from the transfer source module,
and the data is temporarily stored in the DMAC.
First bus cycle
Second bus cycle
The DAR value is an address and the value stored in the data buffer in the
DMAC is written to the transfer destination module.
DMAC
DMAC
Figure 10.5
Data Flow of Dual Address Mode
Auto request, external request, and on-chip peripheral module request are available for the transfer
request. DACK can be output in read cycle or write cycle in dual address mode. The channel
control register (CHCR) can specify whether the DACK is output in read cycle or write cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com