Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 496 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 496 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 492Page - Renesas Technology Corp SH7721 Datasheet HTML 493Page - Renesas Technology Corp SH7721 Datasheet HTML 494Page - Renesas Technology Corp SH7721 Datasheet HTML 495Page - Renesas Technology Corp SH7721 Datasheet HTML 496Page - Renesas Technology Corp SH7721 Datasheet HTML 497Page - Renesas Technology Corp SH7721 Datasheet HTML 498Page - Renesas Technology Corp SH7721 Datasheet HTML 499Page - Renesas Technology Corp SH7721 Datasheet HTML 500Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 496 / 1524 page
background image
Section 10
Direct Memory Access Controller (DMAC)
Rev. 3.00 Jan. 18, 2008 Page 434 of 1458
REJ09B0033-0300
10.4.4
DMA Transfer Types
DMA transfer has two types; single address mode transfer and dual address mode transfer. They
depend on the number of bus cycles of access to source and destination. A data transfer timing
depends on the bus mode, which has cycle steal mode and burst mode. The DMAC supports the
transfers shown in table 10.7.
Table 10.7
Supported DMA Transfers
Destination
Source
External
Device with
DACK
External
Memory
Memory-
Mapped
External
Device
On-Chip
Peripheral
Module
X/Y Memory
U Memory
External device with DACK
Not
available
Dual,
single
Dual,
single
Not
available
Not
available
External memory
Dual, single Dual
Dual
Dual
Dual
Memory-mapped external
device
Dual, single Dual
Dual
Dual
Dual
On-chip peripheral module
Not
available
Dual
Dual
Dual
Dual
X/Y memory
Not
available
Dual
Dual
Dual
Dual
Notes: 1. Dual: Dual address mode
2. Single: Single address mode
3. For on-chip peripheral modules, 16-byte transfer is available only by registers which
can be accessed in longword units.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com