Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 499 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 499 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 495Page - Renesas Technology Corp SH7721 Datasheet HTML 496Page - Renesas Technology Corp SH7721 Datasheet HTML 497Page - Renesas Technology Corp SH7721 Datasheet HTML 498Page - Renesas Technology Corp SH7721 Datasheet HTML 499Page - Renesas Technology Corp SH7721 Datasheet HTML 500Page - Renesas Technology Corp SH7721 Datasheet HTML 501Page - Renesas Technology Corp SH7721 Datasheet HTML 502Page - Renesas Technology Corp SH7721 Datasheet HTML 503Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 499 / 1524 page
background image
Section 10
Direct Memory Access Controller (DMAC)
Rev. 3.00 Jan. 18, 2008 Page 437 of 1458
REJ09B0033-0300
(b)
Single Address Mode
In single address mode, either the transfer source or transfer destination peripheral device is
accessed (selected) by means of the DACK signal, and the other device is accessed by an address.
In this mode, the DMAC performs one DMA transfer in one bus cycle, accessing one of the
external devices by outputting the DACK transfer request acknowledge signal to it, and at the
same time outputting an address to the other device involved in the transfer. For example, in the
case of transfer between external memory and an external device with DACK shown in figure
10.7, when the external device outputs data to the data bus, that data is written to the external
memory in the same bus cycle.
DMAC
This LSI
DACK
DREQ
External address bus
External data bus
External
memory
External device
with DACK
Data flow
Figure 10.7
Data Flow in Single Address Mode
Two kinds of transfer are possible in single address mode: (1) transfer between an external device
with DACK and a memory-mapped external device, and (2) transfer between an external device
with DACK and external memory. In both cases, only the external request signal (DREQ) is used
for transfer requests.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com