| Electronic Components Datasheet Search |
|
SH7721 Datasheet(PDF) 503 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7721 Datasheet(HTML) 503 Page - Renesas Technology Corp |
|
503 / 1524 page ![]() Section 10 Direct Memory Access Controller (DMAC) Rev. 3.00 Jan. 18, 2008 Page 441 of 1458 REJ09B0033-0300 (3) Relationship between Request Modes and Bus Modes by DMA Transfer Category Table 10.8 shows the relationship between request modes and bus modes by DMA transfer category. Table 10.8 Relationship between Request Modes and Bus Modes by DMA Transfer Category Address Mode Transfer Category Request Mode Bus Mode Transfer Size (Bits) Usable Channels External device with DACK and external memory External B/C 8/16/32/128 0,1 External device with DACK and memory- mapped external device External B/C 8/16/32/128 0, 1 External memory and external memory All* 1 B/C 8/16/32/128 0 to 5* 5 External memory and memory-mapped external device All* 1 B/C 8/16/32/128 0 to 5* 5 Memory-mapped external device and memory-mapped external device All* 1 B/C 8/16/32/128 0 to 5* 5 External memory and on-chip peripheral module All* 2 B/C* 3 8/16/32/128* 4 0 to 5* 5 Memory-mapped external device and on-chip peripheral module All* 2 B/C* 3 8/16/32/128* 4 0 to 5* 5 On-chip peripheral module and on-chip peripheral module All* 2 B/C* 3 8/16/32/128* 4 0 to 5* 5 X/Y memory and X/Y memory All* 1 B/C 8/16/32/128 0 to 5* 5 X/Y memory and memory-mapped external device All* 1 B/C 8/16/32/128 0 to 5* 5 X/Y memory and on-chip peripheral module All* 2 B/C* 3 8/16/32/128* 4 0 to 5* 5 Dual X/Y memory and external memory All* 1 B/C 8/16/32/128 0 to 5* 5 External device with DACK and external memory External B/C 8/16/32 0, 1 Single External device with DACK and memory- mapped external device External B/C 8/16/32 0, 1 B: Burst mode, C: Cycle steal mode |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |