Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 493 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 493 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 489Page - Renesas Technology Corp SH7721 Datasheet HTML 490Page - Renesas Technology Corp SH7721 Datasheet HTML 491Page - Renesas Technology Corp SH7721 Datasheet HTML 492Page - Renesas Technology Corp SH7721 Datasheet HTML 493Page - Renesas Technology Corp SH7721 Datasheet HTML 494Page - Renesas Technology Corp SH7721 Datasheet HTML 495Page - Renesas Technology Corp SH7721 Datasheet HTML 496Page - Renesas Technology Corp SH7721 Datasheet HTML 497Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 493 / 1524 page
background image
Section 10
Direct Memory Access Controller (DMAC)
Rev. 3.00 Jan. 18, 2008 Page 431 of 1458
REJ09B0033-0300
10.4.3
Channel Priority
When the DMAC receives simultaneous transfer requests on two or more channels, it transfers
data according to a predetermined priority. Two modes (fixed mode and round-robin mode) are
selected by the PR1 and PR0 bits in DMAOR.
(1)
Fixed Mode
In this mode, the priority levels among the channels remain fixed. There are two kinds of fixed
modes as follows:
• CH0 > CH1 > CH2 > CH3 > CH4 > CH5
• CH0 > CH2 > CH3 > CH1 > CH4 > CH5
These are selected by the PR1 and the PR0 bits in DMAOR.
(2)
Round-Robin Mode
In round-robin mode each time data of one transfer unit (word, byte, longword, or 16-byte unit) is
transferred on one channel, the priority is rotated. The channel on which the transfer was just
finished rotates to the bottom of the priority. The round-robin mode operation is shown in figure
10.3. The priority of round-robin mode is CH0 > CH1 > CH2 > CH3 > CH4 > CH5 immediately
after a reset. When round-robin mode is specified, the same bus mode, either cycle steal mode or
burst mode, must be specified for all of the channels.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com