Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 490 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 490 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 486Page - Renesas Technology Corp SH7721 Datasheet HTML 487Page - Renesas Technology Corp SH7721 Datasheet HTML 488Page - Renesas Technology Corp SH7721 Datasheet HTML 489Page - Renesas Technology Corp SH7721 Datasheet HTML 490Page - Renesas Technology Corp SH7721 Datasheet HTML 491Page - Renesas Technology Corp SH7721 Datasheet HTML 492Page - Renesas Technology Corp SH7721 Datasheet HTML 493Page - Renesas Technology Corp SH7721 Datasheet HTML 494Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 490 / 1524 page
background image
Section 10
Direct Memory Access Controller (DMAC)
Rev. 3.00 Jan. 18, 2008 Page 428 of 1458
REJ09B0033-0300
(3)
On-Chip Peripheral Module Request Mode
In this mode, a transfer is performed at the transfer request signal of an on-chip peripheral module.
Transfer request signals comprise the transmit data empty transfer request and receive data full
transfer request from the ADC set by CHCR0 to CHCR5 and the SCIF0, SCIF1, MMC, USBF,
SIM, SIOF0, SIOF1, and SDHI set by DMARS0/1/2, and the compare-match timer transfer
request from the CMT (channels 0 to 4).
When this mode is selected, if the DMA transfer is enabled (DE = 1, DME = 1, TE = 0, AE = 0,
NMIF = 0), a transfer is performed upon the input of a transfer request signal.
When a transmit data empty transfer request of the SCIF0 is set as the transfer request, the transfer
destination must be the SCIF0's transmit data register. Likewise, when receive data full transfer
request of the SCIF0 is set as the transfer request, the transfer source must be the SCIF0's receive
data register. These conditions also apply to the SIOF1, MMC, USBF, SIM, SIOF0, SIOF1, and
SDHI. When the ADC is set as the transfer request, the transfer source must be the A/D data
register. Any address can be specified for data source and destination, when transfer request is
generated by the CMT (channels 0 to 4).
The number of the receive FIFO triggers can be set as a transfer request depending on an on-chip
peripheral module. Data needs to be read after the DMA transfer is ended, because data may be
remained in the receive FIFO when the receive FIFO trigger condition is not satisfied.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com