Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 487 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 487 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 483Page - Renesas Technology Corp SH7721 Datasheet HTML 484Page - Renesas Technology Corp SH7721 Datasheet HTML 485Page - Renesas Technology Corp SH7721 Datasheet HTML 486Page - Renesas Technology Corp SH7721 Datasheet HTML 487Page - Renesas Technology Corp SH7721 Datasheet HTML 488Page - Renesas Technology Corp SH7721 Datasheet HTML 489Page - Renesas Technology Corp SH7721 Datasheet HTML 490Page - Renesas Technology Corp SH7721 Datasheet HTML 491Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 487 / 1524 page
background image
Section 10
Direct Memory Access Controller (DMAC)
Rev. 3.00 Jan. 18, 2008 Page 425 of 1458
REJ09B0033-0300
Figure 10.2 shows a flowchart of this procedure.
Normal end
NMIF = 1
or AE = 1 or DE = 0
or DME = 0?
Bus mode,
transfer request mode,
DREQ detection selection
system
Initial settings
(SAR, DAR, DMATCR, CHCR, DMAOR, DMARS)
Transfer (1 transfer unit);
DMATCR – 1
→ DMATCR, SAR and DAR
updated
DEI interrupt request (when IE = 1)
TE = 1
No
Yes
No
Yes
No
Yes
Yes
No
Yes
No
*3
*2
Start
Transfer aborted
DMATCR = 0?
Transfer request
occurs?*1
DE, DME = 1 and
NMIF, AE, TE = 0?
NMIF = 1
or AE = 1 or DE = 0
or DME = 0?
Transfer end
Notes: 1. In auto-request mode, transfer begins when the NMIF, AE, and TE bits are all 0 and the DE and
DME bits are set to 1.
2. DREQ = level detection in burst mode (external request) or cycle-steal mode.
3. DREQ = edge detection in burst mode (external request), or auto-request mode in burst mode.
Figure 10.2
DMA Transfer Flowchart



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com