Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 520 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 520 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 516Page - Renesas Technology Corp SH7721 Datasheet HTML 517Page - Renesas Technology Corp SH7721 Datasheet HTML 518Page - Renesas Technology Corp SH7721 Datasheet HTML 519Page - Renesas Technology Corp SH7721 Datasheet HTML 520Page - Renesas Technology Corp SH7721 Datasheet HTML 521Page - Renesas Technology Corp SH7721 Datasheet HTML 522Page - Renesas Technology Corp SH7721 Datasheet HTML 523Page - Renesas Technology Corp SH7721 Datasheet HTML 524Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 520 / 1524 page
background image
Section 11
Clock Pulse Generator (CPG)
Rev. 3.00 Jan. 18, 2008 Page 458 of 1458
REJ09B0033-0300
11.3
Clock Operating Modes
Table 11.2 shows the relationship between the mode control pins (MD2 to MD0) combinations
and the clock modes. Table 11.3 shows the available combinations of the values of the clock
modes and frequency control register (FRQCR).
Table 11.2
Clock Operating Modes
Pin Values
Clock I/O
Mode
MD2
MD1
MD0
Source
Output
PLL2
On/Off
PLL1
On/Off
CKIO
Frequency
0
0
0
0
EXTAL
CKIO
ON
(x 1)
ON
(x 1, 2, 3, 4)
(EXTAL)
1
0
0
1
EXTAL
CKIO
ON
(x 4)
ON
(x 1, 2, 3, 4)
(EXTAL) x 4
2
0
1
0
Crystal
resonator
CKIO
ON
(x 4)
ON
(x 1, 2, 3, 4)
(Crystal) x 4
7
1
1
1
CKIO
OFF
ON
(x 1, 2, 3, 4)
(CKIO)
Mode 0: The LSI is supplied with a clock that is wave-formed by PLL circuit 2 after receiving an
external clock from the EXTAL pin. The frequency of CKIO ranges from 24.00 to 66.67
MHz, because the input clock frequency ranges from 24.00 to 66.67 MHz.
Mode 1: The clock supplied to the internal circuitry in the LSI is generated by PLL circuit 2
quadrupling the frequency after receiving an external clock from the EXTAL pin.
Therefore, the frequency of a clock generated outside the LSI can be lower. The
frequency of CKIO ranges from 40.00 to 66.67 MHz, because an input clock with a
frequency range of 10.00 to 16.67 MHz is used.
Mode 2: The clock is generated by an on-chip crystal oscillator, and its frequency is quadrupled by
PLL circuit 2. Therefore, the frequency of a clock generated outside the LSI can be lower.
The frequency of CKIO ranges from 40.00 to 66.67 MHz, because a crystal oscillator with
a frequency range of 10.00 to 16.67 MHz is used.
Mode 7: The CKIO pin works as an input pin in this mode. The frequency of the external clock
supplied to the LSI is multiplied by the setting ratio after the external clock is input via the
CKIO pin and wave-formed by PLL circuit 1. This mode is suitable for connecting a
synchronous DRAM, because the change in the load in the CKIO pin is controlled by PLL
circuit 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com