| Electronic Components Datasheet Search |
|
SH7721 Datasheet(PDF) 523 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7721 Datasheet(HTML) 523 Page - Renesas Technology Corp |
|
523 / 1524 page ![]() Section 11 Clock Pulse Generator (CPG) Rev. 3.00 Jan. 18, 2008 Page 461 of 1458 REJ09B0033-0300 11.4 Register Descriptions The CPG has the following registers. Refer to section 37, List of Registers, for more details on the addresses and access size of these registers. • Frequency control register (FRQCR) • USBH/USBF clock control register (UCLKCR) 11.4.1 Frequency Control Register (FRQCR) The frequency control register (FRQCR) is a 16-bit readable/writable register used to specify whether a clock is output from the CKIO pin, the frequency multiplication ratio of PLL circuit 1, and the frequency division ratio of the internal clock and the peripheral clock. Only word access can be used on the FRQCR register. FRQCR is initialized by a power-on reset, but not initialized by a power-on reset at the WDT overflow. FRQCR retains its value in a manual reset and in standby mode. The write values to bits 14, 13, 11, 10, 7, 6, and 3 should always be 0. Bit Bit Name Initial Value R/W Description 15 PLL2EN 0 R/W PLL2 Enable PLL2EN specifies whether make the PLL circuit 2 ON in clock operating mode 7. PLL circuit 2 is ON in clock operating modes other than mode 7 regardless of the PLL2EN setting. 0: PLL circuit 2 is OFF 1: PLL circuit 2 is ON 14, 13 All 0 R Reserved These bits are always read as 0. The write value should always be 0. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |