Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 522 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 522 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 518Page - Renesas Technology Corp SH7721 Datasheet HTML 519Page - Renesas Technology Corp SH7721 Datasheet HTML 520Page - Renesas Technology Corp SH7721 Datasheet HTML 521Page - Renesas Technology Corp SH7721 Datasheet HTML 522Page - Renesas Technology Corp SH7721 Datasheet HTML 523Page - Renesas Technology Corp SH7721 Datasheet HTML 524Page - Renesas Technology Corp SH7721 Datasheet HTML 525Page - Renesas Technology Corp SH7721 Datasheet HTML 526Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 522 / 1524 page
background image
Section 11
Clock Pulse Generator (CPG)
Rev. 3.00 Jan. 18, 2008 Page 460 of 1458
REJ09B0033-0300
Mode
FRQCR
Value
PLL
Circuit 1
PLL
Circuit 2
Clock
Ratio*
(I:B:P)
Frequency Range of
Input Clock and
Crystal Resonator
Frequency Range of
CKIO Pin
7
1000
on (
×1)
OFF
1:1:1
33.34 MHz
33.34 MHz
1001
on (
×1)
OFF
1:1:1/2
33.34 MHz to 66.67 MHz
33.34 MHz to 66.67 MHz
1003
on (
×1)
OFF
1:1:1/4
33.34 MHz to 66.67 MHz
33.34 MHz to 66.67 MHz
1101
on (
×2)
OFF
2:1:1
33.34 MHz
33.34 MHz
1103
on (
×2)
OFF
2:1:1/2
33.34 MHz to 66.67 MHz
33.34 MHz to 66.67 MHz
1111
on (
×2)
OFF
1:1:1
33.34 MHz
33.34 MHz
1113
on (
×2)
OFF
1:1:1/2
33.34 MHz to 66.67 MHz
33.34 MHz to 66.67 MHz
1202
on (
×3)
OFF
3:1:1
33.34 MHz to 44.45 MHz
33.34 MHz to 44.45 MHz
1204
on (
×3)
OFF
3:1:1/2
33.34 MHz to 44.45 MHz
33.34 MHz to 44.45 MHz
1222
on (
×3)
OFF
1:1:1
33.34 MHz
33.34 MHz
1224
on (
×3)
OFF
1:1:1/2
33.34 MHz to 66.67 MHz
33.34 MHz to 66.67 MHz
1303
on (
×4)
OFF
4:1:1
33.34 MHz
33.34 MHz
1313
on (
×4)
OFF
2:1:1
33.34 MHz
33.34 MHz
1333
on (
×4)
OFF
1:1:1
33.34 MHz
33.34 MHz
Notes: *
The input clock is 1.
Maximum frequency: I
φ = 133.34 MHz, Bφ (CKIO) = 66.67 MHz, Pφ = 33.34 MHz
1. Use the CKIO frequency within 33.34 MHz
≤ CKIO ≤ 66.67 MHz.
2. The input to divider 1 is the output of PLL circuit 1.
3. Use the internal clock frequency within 33.34 MHz
≤ Iφ ≤ 133.34 MHz.
The internal clock frequency is the product of the frequency of the CKIO pin, the
frequency multiplication ratio of PLL circuit 1 selected by the STC bit in FRQCR, and
the division ratio selected by the IFC bit in FRQCR.
Do not set the internal clock frequency lower than the CKIO pin frequency.
4. Use the peripheral clock frequency within 8.34 MHz
≤ Pφ ≤ 33.34 MHz.
The peripheral clock frequency is the product of the frequency of the CKIO pin, the
frequency multiplication ratio of PLL circuit 1 selected by the STC bit in FRQCR, and
the division ratio selected by the PFC bit in FRQCR.
Do not set the peripheral clock frequency higher than the frequency of the CKIO pin.
5.
× 1, × 2, × 3, or × 4 can be used as the multiplication ratio of PLL circuit 1. × 1, × 1/2,
× 1/3, or × 1/4can be selected as the division ratio of an internal clock. × 1, × 1/2, × 1/3,
× 1/4, or
× 1/6 can be selected as the division ratio of a peripheral clock. Set the rate in FRQCR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com