Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 526 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 526 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 522Page - Renesas Technology Corp SH7721 Datasheet HTML 523Page - Renesas Technology Corp SH7721 Datasheet HTML 524Page - Renesas Technology Corp SH7721 Datasheet HTML 525Page - Renesas Technology Corp SH7721 Datasheet HTML 526Page - Renesas Technology Corp SH7721 Datasheet HTML 527Page - Renesas Technology Corp SH7721 Datasheet HTML 528Page - Renesas Technology Corp SH7721 Datasheet HTML 529Page - Renesas Technology Corp SH7721 Datasheet HTML 530Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 526 / 1524 page
background image
Section 11
Clock Pulse Generator (CPG)
Rev. 3.00 Jan. 18, 2008 Page 464 of 1458
REJ09B0033-0300
11.4.2
USBH/USBF Clock Control Register (UCLKCR)
The USBH/USBF clock control register is an 8-bit readable/writable register. UCLKCR is
initialized to H'60 by a power-on reset. Word-size access is used to write to this register. This
writing should be performed with H'A5 in the upper byte and the write data in the lower byte.
Bit
Bit Name
Initial
Value
R/W
Description
7
6
5
USSCS2
USSCS1
USSCS0
0
1
1
R/W
R/W
R/W
Source Clock Select
These bits select the source clock.
000: Clock stopped
001: Setting prohibited
010: Setting prohibited
011: Initial value
(To run the USBH/USB, however, change the setting to
"110: EXTAL_USB" or "111: USB crystal resonator".)
100: Setting prohibited
101: Setting prohibited
110: EXTAL_USB
111: USB crystal resonator
4
USSTB
0
R/W
Standby USB Crystal
Specifies stop or operation of the USB crystal oscillator
in standby mode.
0: USB crystal oscillator stops in standby mode when the
STBXTL bit (bit 4) in the STBCR register is 0.
1: USB crystal oscillator continues operating in standby
mode
3 to 0
All 0
R
Reserved
These bits are always read as 0. The write value should
always be 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com