Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 529 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 529 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 525Page - Renesas Technology Corp SH7721 Datasheet HTML 526Page - Renesas Technology Corp SH7721 Datasheet HTML 527Page - Renesas Technology Corp SH7721 Datasheet HTML 528Page - Renesas Technology Corp SH7721 Datasheet HTML 529Page - Renesas Technology Corp SH7721 Datasheet HTML 530Page - Renesas Technology Corp SH7721 Datasheet HTML 531Page - Renesas Technology Corp SH7721 Datasheet HTML 532Page - Renesas Technology Corp SH7721 Datasheet HTML 533Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 529 / 1524 page
background image
Section 11
Clock Pulse Generator (CPG)
Rev. 3.00 Jan. 18, 2008 Page 467 of 1458
REJ09B0033-0300
Note: The values for CL1, CL2, and the damping resistance should be determined after
consultation with the crystal manufacturer.
XTAL
EXTAL
This LSI
R
CL2
CL1
Avoid crossing
signal lines
Figure 11.2
Points for Attention when Using Crystal Resonator
(2)
Bypass Capacitors
Insert a laminated ceramic capacitor as a bypass capacitor for each V
SS/VCC pair. Mount the bypass
capacitors to the power supply pins, and use components with a frequency characteristic suitable
for the operating frequency of the LSI, as well as a suitable capacitance value.
(3)
When Using a PLL Oscillator Circuit
Keep the wiring from the PLL V
CC and VSS connection pattern to the power supply pins short, and
make the pattern width large, to minimize the inductance component.
Connect the EXTAL pin to V
CC or VSSQ and make the XTAL pin open in clock mode 7.
The analog power supply system of the PLL is sensitive to a noise. Therefore the system
malfunction may occur by the intervention with other power supply. Do not supply the analog
power supply with the same resource as the digital power supply of V
CC and VCCQ.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com