Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 528 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 528 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 524Page - Renesas Technology Corp SH7721 Datasheet HTML 525Page - Renesas Technology Corp SH7721 Datasheet HTML 526Page - Renesas Technology Corp SH7721 Datasheet HTML 527Page - Renesas Technology Corp SH7721 Datasheet HTML 528Page - Renesas Technology Corp SH7721 Datasheet HTML 529Page - Renesas Technology Corp SH7721 Datasheet HTML 530Page - Renesas Technology Corp SH7721 Datasheet HTML 531Page - Renesas Technology Corp SH7721 Datasheet HTML 532Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 528 / 1524 page
background image
Section 11
Clock Pulse Generator (CPG)
Rev. 3.00 Jan. 18, 2008 Page 466 of 1458
REJ09B0033-0300
11.6
Usage Notes
Note the following when using the USBH and USBF.
1.
When the USBH and USBF are not used, it is recommended that UCLKCR should be cleared
to H'00 to halt the clock.
2.
Halt the USBH and USBF modules before changing the value of UCLKCR. This is done by
selecting the "Clock stopped" setting with the module stop bit 31 (USBH module stop) and
module stop bit 30 (USBF module stop) in STBCR3.
3.
UCLKCR is initialized only by a power-on reset. In a manual reset, it retains its current set
values.
4.
When using the USBH/USBF, be sure to set the peripheral clock (P
φ) to a frequency higher
than 13 MHz.
5.
When using the USBH, be sure to set the bus clock (B
φ) to a frequency higher than 32 MHz.
11.7
Notes on Board Design
(1)
When Using an External Crystal Resonator
Place the crystal resonator, capacitors CL1 and CL2, and damping resistor R close to the EXTAL
and XTAL pins. To prevent induction from interfering with correct oscillation, use a common
grounding point for the capacitors connected to the resonator, and do not locate a wiring pattern
near these components.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com