Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 531 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 531 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 527Page - Renesas Technology Corp SH7721 Datasheet HTML 528Page - Renesas Technology Corp SH7721 Datasheet HTML 529Page - Renesas Technology Corp SH7721 Datasheet HTML 530Page - Renesas Technology Corp SH7721 Datasheet HTML 531Page - Renesas Technology Corp SH7721 Datasheet HTML 532Page - Renesas Technology Corp SH7721 Datasheet HTML 533Page - Renesas Technology Corp SH7721 Datasheet HTML 534Page - Renesas Technology Corp SH7721 Datasheet HTML 535Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 531 / 1524 page
background image
Section 12 Watchdog Timer (WDT)
WDTS300B_000020030200
Rev. 3.00 Jan. 18, 2008 Page 469 of 1458
REJ09B0033-0300
Section 12 Watchdog Timer (WDT)
This LSI includes the watchdog timer (WDT).
This LSI can be reset by the overflow of the counter when the value of the counter has not been
updated because of a system runaway.
The WDT is a single-channel timer that uses a peripheral clock as an input and counts the clock
settling time when clearing software standby mode and temporary standbys, such as frequency
changes. It can also be used as an interval timer.
12.1
Features
The WDT has the following features:
• Can be used to ensure the clock settling time: Use the WDT to cancel software standby mode
and the temporary standbys which occur when the clock frequency is changed.
• Can switch between watchdog timer mode and interval timer mode.
• Generates internal resets in watchdog timer mode: Internal resets occur after counter overflow.
• An interrupt is generated in interval timer mode
An interval timer interrupt is generated when the counter overflows.
• Choice of eight counter input clocks
Eight clocks (
×1 to ×1/4096) that are obtained by dividing the peripheral clock can be chosen.
• Choice of two resets
Power-on reset and manual reset are available.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com