Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 535 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 535 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 531Page - Renesas Technology Corp SH7721 Datasheet HTML 532Page - Renesas Technology Corp SH7721 Datasheet HTML 533Page - Renesas Technology Corp SH7721 Datasheet HTML 534Page - Renesas Technology Corp SH7721 Datasheet HTML 535Page - Renesas Technology Corp SH7721 Datasheet HTML 536Page - Renesas Technology Corp SH7721 Datasheet HTML 537Page - Renesas Technology Corp SH7721 Datasheet HTML 538Page - Renesas Technology Corp SH7721 Datasheet HTML 539Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 535 / 1524 page
background image
Section 12 Watchdog Timer (WDT)
Rev. 3.00 Jan. 18, 2008 Page 473 of 1458
REJ09B0033-0300
Bit
Bit Name
Initial
Value
R/W
Description
2
1
0
CKS2
CKS1
CKS0
0
0
0
R/W
R/W
R/W
Clock Select 2 to 0
These bits select the clock to be used for the WTCNT
count from the eight types obtainable by dividing the
peripheral clock (P
φ). The overflow period that is shown
inside the parenthesis in the table is the value when the
peripheral clock (P
φ) is 15 MHz.
000: P
φ (17 µs)
001: P
φ /4 (68 µs)
010: P
φ /16 (273 µs)
011: P
φ /32 (546 µs)
100: P
φ /64 (1.09 ms)
101: P
φ /256 (4.36 ms)
110: P
φ /1024 (17.48 ms)
111: P
φ /4096 (69.91 ms)
Note:
If bits CKS2 to CKS0 are modified when the WDT
is operating, the up-count may not be performed
correctly. Ensure that these bits are modified only
when the WDT is not operating.
12.2.3
Notes on Register Access
The watchdog timer counter (WTCNT) and watchdog timer control/status register (WTCSR) are
more difficult to write to than other registers. The procedure for writing to these registers is given
below.
• Writing to WTCNT and WTCSR
These registers must be written by a word transfer instruction. They cannot be written by a
byte or longword transfer instruction. When writing to WTCNT, set the upper byte to H'5A
and transfer the lower byte as the write data, as shown in figure 12.3. When writing to
WTCSR, set the upper byte to H'A5 and transfer the lower byte as the write data. This transfer
procedure writes the lower byte data to WTCNT or WTCSR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com