Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 536 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 536 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 532Page - Renesas Technology Corp SH7721 Datasheet HTML 533Page - Renesas Technology Corp SH7721 Datasheet HTML 534Page - Renesas Technology Corp SH7721 Datasheet HTML 535Page - Renesas Technology Corp SH7721 Datasheet HTML 536Page - Renesas Technology Corp SH7721 Datasheet HTML 537Page - Renesas Technology Corp SH7721 Datasheet HTML 538Page - Renesas Technology Corp SH7721 Datasheet HTML 539Page - Renesas Technology Corp SH7721 Datasheet HTML 540Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 536 / 1524 page
background image
Section 12 Watchdog Timer (WDT)
Rev. 3.00 Jan. 18, 2008 Page 474 of 1458
REJ09B0033-0300
15
8
7
0
H'5A
Write data
Address: H'A415FF84
WTCNT write
15
8
7
0
H'A5
Write data
Address: H'A415FF86
WTCSR write
Figure 12.2 Writing to WTCNT and WTCSR
12.3
WDT Operation
12.3.1
Canceling Software Standbys
The WDT can be used to cancel software standby mode with an NMI interrupt or external
interrupt (IRQ). The procedure is described below. (The WDT does not run when resets are used
for canceling, so keep the
RESETP pin low until the clock stabilizes.)
1. Before transition to software standby mode, always clear the TME bit in WTCSR to 0. When
the TME bit is 1, an erroneous reset or interval timer interrupt may be generated when the
count overflows.
2. Set the type of count clock used in the CKS2 to CKS0 bits in WTCSR and the initial values for
the counter in the WTCNT counter. These values should ensure that the time till count
overflow is longer than the clock oscillation settling time.
3. Move to software standby mode by executing a SLEEP instruction to stop the clock.
4. The WDT starts counting by detecting the edge change of the NMI signal.
5. When the WDT count overflows, the CPG starts supplying the clock and the processor
resumes operation. The WOVF flag in WTCSR is not set when this happens.
6. Since the WDT continues counting from H'00, set the STBY bit in STBCR to 0 in the interrupt
processing program and this will stop the WDT. When the STBY bit remains 1, the LSI again
enters software standby mode when the WDT has counted up to H'80. This software standby
mode can be canceled by a power-on reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com