| Electronic Components Datasheet Search |
|
SH7721 Datasheet(PDF) 540 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7721 Datasheet(HTML) 540 Page - Renesas Technology Corp |
|
540 / 1524 page ![]() Section 13 Power-Down Modes Rev. 3.00 Jan. 18, 2008 Page 478 of 1458 REJ09B0033-0300 Table 13.1 shows the transition conditions for entering the modes from the program execution state, as well as the CPU and peripheral module states in each mode and the procedures for canceling each mode. Table 13.1 States of Power-Down Modes State Mode Transition Conditions CPG CPU CPU Reg- ister On-Chip Memory On-Chip Periphera l Modules External Memory Canceling Procedure Sleep mode Execute SLEEP instruction with STBY bit in STBCR cleared to 0 Runs Halts Held Halts (contents remained) Run Auto- refreshing • Interrupt • Reset Software Standby mode Execute SLEEP instruction with STBY bit in STBCR set to 1 Halts Halts Held Halts (contents remained) Halt* Self- refreshing • Interrupt (NMI, IRQ (edge detection), RTC, TMU, PINT • Reset Module standby function Set MSTP bit in STBCR to 1 Runs Runs/ halts Held Specified module halts (contents remained) Specified module halts Auto- refreshing • Clear MSTP bit to 0 • Power-on reset Hardware standby mode Set CA pin to low Halts Halts Held Held Halt* Self- refreshing • Power-on reset Note: * The RTC operates when the START bit in RCR2 is set to 1. For details, see section 17, Realtime Clock (RTC). 13.1.2 Reset Resetting occurs when power is supplied, and when execution is started again from an initialized state. There are two types of reset: A power-on reset and a manual reset. In a power-on reset, all processing in execution is suspended, all unprocessed events are canceled, and reset processing starts immediately. On the other hand, processing to retain the contents of external memory is continued in a manual reset. The conditions for generating power-on and manual resets are as follows. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |