| Electronic Components Datasheet Search |
|
SH7721 Datasheet(PDF) 537 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7721 Datasheet(HTML) 537 Page - Renesas Technology Corp |
|
537 / 1524 page ![]() Section 12 Watchdog Timer (WDT) Rev. 3.00 Jan. 18, 2008 Page 475 of 1458 REJ09B0033-0300 12.3.2 Changing Frequency To change the frequency used by the PLL, use the WDT. When changing the frequency only by switching the divider, do not use the WDT. 1. Before changing the frequency, always clear the TME bit in WTCSR to 0. When the TME bit is 1, an erroneous reset or interval timer interrupt may be generated when the count overflows. 2. Set the type of count clock used in the CKS2 to CKS0 bits in WTCSR and the initial values for the counter in the WTCNT counter. These values should ensure that the time till count overflow is longer than the clock oscillation settling time. 3. When the frequency control register (FRQCR) is written, the processor stops temporarily. The WDT starts counting. 4. When the WDT count overflows, the CPG resumes supplying the clock and the processor resumes operation. The WOVF flag in WTCSR is not set when this happens. 5. The counter stops at the values H'00. 6. Before changing WTCNT after the execution of the frequency change instruction, always confirm that the value of WTCNT is H'00 by reading WTCNT. 12.3.3 Using Watchdog Timer Mode 1. Set the WT/IT bit in WTCSR to 1, set the reset type in the RSTS bit, set the type of count clock in the CKS2 to CKS0 bits, and set the initial value of the counter in the WTCNT counter. 2. Set the TME bit in WTCSR to 1 to start the count in watchdog timer mode. 3. While operating in watchdog timer mode, rewrite the counter periodically to H'00 to prevent the counter from overflowing. 4. When the counter overflows, the WDT sets the WOVF flag in WTCSR to 1 and generates the type of reset specified by the RSTS bit. The counter then resumes counting. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |