Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 541 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 541 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 537Page - Renesas Technology Corp SH7721 Datasheet HTML 538Page - Renesas Technology Corp SH7721 Datasheet HTML 539Page - Renesas Technology Corp SH7721 Datasheet HTML 540Page - Renesas Technology Corp SH7721 Datasheet HTML 541Page - Renesas Technology Corp SH7721 Datasheet HTML 542Page - Renesas Technology Corp SH7721 Datasheet HTML 543Page - Renesas Technology Corp SH7721 Datasheet HTML 544Page - Renesas Technology Corp SH7721 Datasheet HTML 545Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 541 / 1524 page
background image
Section 13
Power-Down Modes
Rev. 3.00
Jan. 18, 2008
Page 479 of 1458
REJ09B0033-0300
(1)
Power-On Reset
1. Driving the
RESETP pin low.
2. While the WT/IT bit in WTCSR is set to 1 and the RSTS bit is cleared to 0, the WDT starts
counting and continues until it overflows.
3. Generation of the H-UDI reset (for details on the H-UDI reset, refer to section 36, User
Debugging Interface (H-UDI)).
(2)
Manual Reset
1. Driving the
RESETM pin low.
2. While the WT/IT bit in WTCSR and the RSTS bit are set to 1, the WDT starts counting and
continues until it overflows.
13.2
Input/Output Pins
Table 13.2 lists the pin configuration related to power-down modes.
Table 13.2
Pin Configuration
Pin Name
Abbreviation
I/O
Description
Status 1 output
STATUS1
Status 0 output
STATUS0
Output
Operating state of the processor.
HH: Reset
HL: Sleep mode
LH: Standby mode
LL: Normal operation
Power-on reset
input
RESETP
Input
Power-on reset occurs at low-level.
Manual-reset input
RESETM
Input
Manual reset occurs at low-level.
Chip active
CA
Input
Hardware standby mode entered at low-level.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com