Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 545 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 545 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 541Page - Renesas Technology Corp SH7721 Datasheet HTML 542Page - Renesas Technology Corp SH7721 Datasheet HTML 543Page - Renesas Technology Corp SH7721 Datasheet HTML 544Page - Renesas Technology Corp SH7721 Datasheet HTML 545Page - Renesas Technology Corp SH7721 Datasheet HTML 546Page - Renesas Technology Corp SH7721 Datasheet HTML 547Page - Renesas Technology Corp SH7721 Datasheet HTML 548Page - Renesas Technology Corp SH7721 Datasheet HTML 549Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 545 / 1524 page
background image
Section 13
Power-Down Modes
Rev. 3.00
Jan. 18, 2008
Page 483 of 1458
REJ09B0033-0300
13.3.3
Standby Control Register 3 (STBCR3)
STBCR3 is an 8-bit readable/writable register that controls the operation of modules in power-
down mode.
Bit
Bit Name
Initial
Value
R/W
Description
7
MSTP37
0
R/W
Module Stop Bit 37
When the MSTP37 bit is set to 1, the supply of the clock
to the SIOF1 is halted.
0: SIOF1 operates
1: Clock supply to SIOF1 halted
6
MSTP36
0
R/W
Module Stop Bit 36
When the MSTP36 bit is set to 1, the supply of the clock
to the SIOF0 is halted.
0: SIOF0 operates
1: Clock supply to SIOF0 halted
5
MSTP35
0
R/W
Module Stop Bit 35
When the MSTP35 bit is set to 1, the supply of the clock
to the CMT is halted. However, count-up operation is
continued when the channel 5 is in the operation.
0: CMT operates
1: Clock supply to CMT halted
4
0
R
Reserved
This bit is always read as 0. The write value should
always be 0.
3
MSTP33
0
R/W
Module Stop Bit 33
When the MSTP33 bit is set to 1, the supply of the clock
to the ADC is halted.
0: ADC operates
1: Clock supply to ADC halted
2
MSTP32
0
R/W
Module Stop Bit 32
When the MSTP32 bit is set to 1, the supply of the clock
to the DAC is halted.
0: DAC operates
1: Clock supply to DAC halted



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com