Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 544 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 544 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 540Page - Renesas Technology Corp SH7721 Datasheet HTML 541Page - Renesas Technology Corp SH7721 Datasheet HTML 542Page - Renesas Technology Corp SH7721 Datasheet HTML 543Page - Renesas Technology Corp SH7721 Datasheet HTML 544Page - Renesas Technology Corp SH7721 Datasheet HTML 545Page - Renesas Technology Corp SH7721 Datasheet HTML 546Page - Renesas Technology Corp SH7721 Datasheet HTML 547Page - Renesas Technology Corp SH7721 Datasheet HTML 548Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 544 / 1524 page
background image
Section 13
Power-Down Modes
Rev. 3.00
Jan. 18, 2008
Page 482 of 1458
REJ09B0033-0300
Bit
Bit Name
Initial
Value
R/W
Description
5
MSTP8
0
R/W
Module Stop Bit 8
When the MSTP8 bit is set to 1, the supply of the clock to
the DMAC is halted.
0: DMAC operates
1: Clock supply to DMAC halted
4
MSTP7
0
R/W
Module Stop Bit 7
When the MSTP7 bit is set to 1, the supply of the clock to
the DSP is halted.
0: DSP operates
1: Clock supply to DSP halted
3
MSTP6
0
R/W
Module Stop Bit 6
When the MSTP6 bit is set to 1, the supply of the clock to
the TLB is halted.
0: TLB operates
1: Clock supply to TLB halted
2
MSTP5
0
R/W
Module Stop Bit 5
When the MSTP5 bit is set to 1, the supply of the clock to
the cache memory is halted.
0: Cache memory operates
1: Clock supply to cache memory halted
1
0
R
Reserved
This bit is always read as 0. The write value should
always be 0.
0
MSTP3
0
R/W
Module Stop Bit 3
When the MSTP3 bit is set to 1, the supply of the clock to
the X/Y memory is halted.
0: X/Y memory operates
1: Clock supply to X/Y memory halted



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com