Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 546 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 546 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 542Page - Renesas Technology Corp SH7721 Datasheet HTML 543Page - Renesas Technology Corp SH7721 Datasheet HTML 544Page - Renesas Technology Corp SH7721 Datasheet HTML 545Page - Renesas Technology Corp SH7721 Datasheet HTML 546Page - Renesas Technology Corp SH7721 Datasheet HTML 547Page - Renesas Technology Corp SH7721 Datasheet HTML 548Page - Renesas Technology Corp SH7721 Datasheet HTML 549Page - Renesas Technology Corp SH7721 Datasheet HTML 550Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 546 / 1524 page
background image
Section 13
Power-Down Modes
Rev. 3.00
Jan. 18, 2008
Page 484 of 1458
REJ09B0033-0300
Bit
Bit Name
Initial
Value
R/W
Description
1
MSTP31
0
R/W
Module Stop Bit 31
When the MSTP31 bit is set to 1, the supply of the clock
to the USBH is halted.
0: USBH operates
1: Clock supply to USBH halted
0
MSTP30
0
R/W
Module Stop Bit 30
When the MSTP30 bit is set to 1, the supply of the clock
to the USBF is halted.
0: USBF operates
1: Clock supply to USBF halted
13.3.4
Standby Control Register 4 (STBCR4)
STBCR4 is an 8-bit readable/writable register that controls the operation of modules in power-
down mode.
Bit
Bit Name
Initial
Value
R/W
Description
7, 6
All 0
R
Reserved
These bits are always read as 0. The write value should
always be 0.
5
MSTP45
0
R/W
Module Stop Bit 45
When the MSTP45 bit is set to 1, the supply of the clock
to the PCC is halted.
0: PCC operates
1: Clock supply to PCC halted
4
MSTP44
0
R/W
Module Stop Bit 44
When the MSTP44 bit is set to 1, the supply of the clock
to the I
2C is halted.
0: I
2C operates
1: Clock supply to I
2C halted



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com