Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 550 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 550 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 546Page - Renesas Technology Corp SH7721 Datasheet HTML 547Page - Renesas Technology Corp SH7721 Datasheet HTML 548Page - Renesas Technology Corp SH7721 Datasheet HTML 549Page - Renesas Technology Corp SH7721 Datasheet HTML 550Page - Renesas Technology Corp SH7721 Datasheet HTML 551Page - Renesas Technology Corp SH7721 Datasheet HTML 552Page - Renesas Technology Corp SH7721 Datasheet HTML 553Page - Renesas Technology Corp SH7721 Datasheet HTML 554Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 550 / 1524 page
background image
Section 13
Power-Down Modes
Rev. 3.00
Jan. 18, 2008
Page 488 of 1458
REJ09B0033-0300
13.4
Sleep Mode
13.4.1
Transition to Sleep Mode
Executing the SLEEP instruction when the STBY bit in STBCR is 0 causes a transition from the
program execution state to sleep mode. Although the CPU halts immediately after executing the
SLEEP instruction, the contents of the CPU registers remain unchanged. The on-chip peripheral
modules continue to operate in sleep mode and the clock continues to be output to the CKIO pin.
In sleep mode the output of the STATUS0 pin and STATUS1 pin go high and low, respectively.
13.4.2
Canceling Sleep Mode
Sleep mode is canceled by an interrupt (NMI, IRQ, IRL, PINT, and on-chip peripheral module) or
reset. Interrupts are accepted in sleep mode even when the BL bit in SR is 1. If necessary, save
SPC and SSR to the stack before executing the SLEEP instruction.
(1)
Canceling with Interrupt
When an NMI, IRQ, IRL, PINT, or on-chip peripheral module interrupt occurs, sleep mode is
canceled and interrupt exception handling is executed. A code indicating the interrupt source is set
in INTEVT and INTEVT2.
(2)
Canceling with Reset
Sleep mode is canceled by a power-on reset or a manual reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com