Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 552 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 552 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 548Page - Renesas Technology Corp SH7721 Datasheet HTML 549Page - Renesas Technology Corp SH7721 Datasheet HTML 550Page - Renesas Technology Corp SH7721 Datasheet HTML 551Page - Renesas Technology Corp SH7721 Datasheet HTML 552Page - Renesas Technology Corp SH7721 Datasheet HTML 553Page - Renesas Technology Corp SH7721 Datasheet HTML 554Page - Renesas Technology Corp SH7721 Datasheet HTML 555Page - Renesas Technology Corp SH7721 Datasheet HTML 556Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 552 / 1524 page
background image
Section 13
Power-Down Modes
Rev. 3.00
Jan. 18, 2008
Page 490 of 1458
REJ09B0033-0300
Immediately after an interrupt is detected, the phase of the clock output of the CKIO pin may be
unstable, until software standby mode is canceled.
Notes: 1. Only when the RTC is used, software standby mode can be canceled by IRQ (edge
detection), RTC, TMU, or PINT interrupt.
2. Cancel this software standby mode by a power-on reset.
WTCNT value
H'FF
H'80
Time
Interrupt
request
WDT overflow and branch to
interrupt handling routine
Crystal oscillator settling
time and PLL synchronization
time
Clear the STBY bit in STBCR before
WTCNT reaches H'80. When
he STBY bit in STBCR is cleared,
WTCNT halts automatically.
Figure 13.1
Canceling Standby Mode with STBY Bit in STBCR
(2)
Canceling with Reset
Software standby mode is canceled by a reset with the
RESETP pin and RESETM pin. Keep the
RESETP pin and RESETM pin low until the clock oscillation settles in clock operating mode to
use PLL. The internal clock will continue to be output to the CKIO pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com