Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 551 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 551 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 547Page - Renesas Technology Corp SH7721 Datasheet HTML 548Page - Renesas Technology Corp SH7721 Datasheet HTML 549Page - Renesas Technology Corp SH7721 Datasheet HTML 550Page - Renesas Technology Corp SH7721 Datasheet HTML 551Page - Renesas Technology Corp SH7721 Datasheet HTML 552Page - Renesas Technology Corp SH7721 Datasheet HTML 553Page - Renesas Technology Corp SH7721 Datasheet HTML 554Page - Renesas Technology Corp SH7721 Datasheet HTML 555Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 551 / 1524 page
background image
Section 13
Power-Down Modes
Rev. 3.00
Jan. 18, 2008
Page 489 of 1458
REJ09B0033-0300
13.5
Software Standby Mode
13.5.1
Transition to Software Standby Mode
Executing the SLEEP instruction when the STBY bit in STBCR is 1 causes a transition from the
program execution state to software standby mode. In software standby mode, not only the CPU
but also the clock and on-chip peripheral modules halt. The clock output from the CKIO pin also
halts.
The contents of the CPU and cache registers remain unchanged. Some registers of the on-chip
peripheral modules are, however, initialized. Refer to section 37, List of Registers, for the register
states of the on-chip peripheral modules in software standby mode. The procedure for a transition
to software standby mode is as follows.
1. Clear the TME bit in the WDT's timer control register (WTCSR) to 0 to stop the WDT.
2. Clear the WDT's timer counter (WTCNT) to 0 and set the CKS2 to CKS0 bits in WTCSR to
appropriate values to secure the specified oscillation settling time.
3. After the STBY bit in STBCR is set to 1, the SLEEP instruction is executed.
4. Software standby mode is entered and the clocks within the chip are halted. The output of the
STATUS0 pin and STATUS1 pin go high and low, respectively.
13.5.2
Canceling Software Standby Mode
Software standby mode is canceled by interrupts (NMI, IRQ (edge detection), RTC, TMU, and
PINT) or a reset.
(1)
Canceling with Interrupt
The on-chip WDT can be used for hot starts. When the chip detects an NMI, IRQ (edge
detection)*
1, RTC*1, TMU*1, or PINT*1 interrupt, the clock will be supplied to the entire chip and
software standby mode will be canceled after the time set in the WDT's timer control/status
register has elapsed. Both STATUS1 and STATUS0 pins go low. Interrupt exception handling
then begins and a code indicating the interrupt source is set in INTEVT and INTEVT2. After the
branch to the interrupt handling routine, clear the STBY bit in STBCR. WDT stops automatically.
If the STBY bit is not cleared, WDT continues operation and a transition is made to software
standby mode*
2 when WTCNT reaches H'80. Note that a manual reset is not accepted until the
STBY bit is cleared. Interrupts are accepted in software standby mode even when the BL bit in SR
is 1. If necessary, save SPC and SSR to the stack before executing the SLEEP instruction.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com