Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 553 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 553 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 549Page - Renesas Technology Corp SH7721 Datasheet HTML 550Page - Renesas Technology Corp SH7721 Datasheet HTML 551Page - Renesas Technology Corp SH7721 Datasheet HTML 552Page - Renesas Technology Corp SH7721 Datasheet HTML 553Page - Renesas Technology Corp SH7721 Datasheet HTML 554Page - Renesas Technology Corp SH7721 Datasheet HTML 555Page - Renesas Technology Corp SH7721 Datasheet HTML 556Page - Renesas Technology Corp SH7721 Datasheet HTML 557Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 553 / 1524 page
background image
Section 13
Power-Down Modes
Rev. 3.00
Jan. 18, 2008
Page 491 of 1458
REJ09B0033-0300
13.6
Module Standby Function
13.6.1
Transition to Module Standby Function
Setting the MSTP bits in the standby control register to 1 halts the supply of clocks to the
corresponding on-chip peripheral modules. This function can be used to reduce power
consumption in normal mode. When changing the setting of an MSTP bit to use the module
standby function, be sure to halt operation of the module whose clock supply is to be stopped
before setting the corresponding MSTP bit to 1.
In the module standby state, the states of the external pins of the on-chip peripheral modules differ
depending on the on-chip peripheral module and I/O port settings. Register state is as same as in
standby mode. When changing the setting of an MSTP bit to use the module standby function, be
sure to halt operation of the module whose clock supply is to be stopped before setting the
corresponding MSTP bit to 1.
13.6.2
Canceling Module Standby Function
The module standby function can be canceled by clearing the MSTP bits to 0, or by a power-on
reset.
When canceling the module standby function by clearing the corresponding MSTP bit, be sure to
read the relevant MSTP bit to confirm that it has been cleared to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com