Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 533 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 533 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 529Page - Renesas Technology Corp SH7721 Datasheet HTML 530Page - Renesas Technology Corp SH7721 Datasheet HTML 531Page - Renesas Technology Corp SH7721 Datasheet HTML 532Page - Renesas Technology Corp SH7721 Datasheet HTML 533Page - Renesas Technology Corp SH7721 Datasheet HTML 534Page - Renesas Technology Corp SH7721 Datasheet HTML 535Page - Renesas Technology Corp SH7721 Datasheet HTML 536Page - Renesas Technology Corp SH7721 Datasheet HTML 537Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 533 / 1524 page
background image
Section 12 Watchdog Timer (WDT)
Rev. 3.00 Jan. 18, 2008 Page 471 of 1458
REJ09B0033-0300
12.2
Register Descriptions for WDT
The WDT has the following two registers. Refer to section 37, List of Registers, for more details
on the addresses and states of these registers in each operating mode.
• Watchdog timer counter (WTCNT)
• Watchdog timer control/status register (WTCSR)
12.2.1
Watchdog Timer Counter (WTCNT)
WTCNT is an 8-bit readable/writable register that increments on the selected clock. When an
overflow occurs, it generates a reset in watchdog timer mode and an interrupt in interval time
mode. The WTCNT counter is not initialized by an internal reset due to the WDT overflow. The
WTCNT counter is initialized to H'00 only by a power-on reset. Use a word access to write to the
WTCNT counter, with H'5A in the upper byte. Use a byte access to read WTCNT.
Note:
WTCNT differs from other registers in that it is more difficult to write to. See section
12.2.3, Notes on Register Access, for details.
12.2.2
Watchdog Timer Control/Status Register (WTCSR)
WTCSR is an 8-bit readable/writable register composed of bits to select the clock used for the
count, bits to select the timer mode, and overflow flags. WTCSR holds its value in an internal
reset due to the WDT overflow. WTCSR is initialized to H'00 only by a power-on reset.
When used to count the clock settling time for canceling a software standby, it retains its value
after counter overflow. Use a word access to write to WTCSR, with H'A5 in the upper byte. Use a
byte access to read WTCSR.
Note:
WTCSR differs from other registers in that it is more difficult to write to. See section
12.2.3, Notes on Register Access, for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com