Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 839 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 839 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 835Page - Renesas Technology Corp SH7721 Datasheet HTML 836Page - Renesas Technology Corp SH7721 Datasheet HTML 837Page - Renesas Technology Corp SH7721 Datasheet HTML 838Page - Renesas Technology Corp SH7721 Datasheet HTML 839Page - Renesas Technology Corp SH7721 Datasheet HTML 840Page - Renesas Technology Corp SH7721 Datasheet HTML 841Page - Renesas Technology Corp SH7721 Datasheet HTML 842Page - Renesas Technology Corp SH7721 Datasheet HTML 843Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 839 / 1524 page
background image
Section 24
USB Host Controller (USBH)
Rev. 3.00 Jan. 18, 2008 Page 777 of 1458
REJ09B0033-0300
Bit
Bit Name
Initial
Value
R/W
Description
4
UE
0
R/W
Unrecoverable Error Enable
0: Ignored
1: Interrupt generation due to unrecoverable error enabled
3
RD
0
R/W
Resume Detected Enable
0: Ignored
1: Interrupt generation due to Resume Detected enabled
2
SF
0
R/W
Start of Frame Enable
0: Ignored
1: Interrupt generation due to Start of Frame enabled
1
WDH
0
R/W
Write-back Done Head Enable
0: Ignored
1: Interrupt generation due to WritebackDoneHead
enabled
0
SO
0
R/W
Scheduling Overrun Enable
0: Ignored
1: Interrupt generation due to Scheduling Overrun enabled
24.3.6
Hc Interrupt Disable Register (USBHID)
Each disable bit in USBHID corresponds to the related interrupt bit in USBHIS. USBHID is
related to USBHIE. Therefore, writing a 1 to a bit in this register clears the corresponding bit in
USBHIE, while writing a 0 to a bit leaves the corresponding bit in USBHIE. When read, the
current value of USBHIE is returned.
Bit
Bit Name
Initial
Value
R/W
Description
31
MIE
0
R/W
Master Interrupt Enable
0: Ignored
1: Interrupt generation due to the specified event disabled
30
OC
0
R/W
Ownership Change Enable
0: Ignored
1: Interrupt generation due to OwnershipChange disabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com