Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 841 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 841 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 837Page - Renesas Technology Corp SH7721 Datasheet HTML 838Page - Renesas Technology Corp SH7721 Datasheet HTML 839Page - Renesas Technology Corp SH7721 Datasheet HTML 840Page - Renesas Technology Corp SH7721 Datasheet HTML 841Page - Renesas Technology Corp SH7721 Datasheet HTML 842Page - Renesas Technology Corp SH7721 Datasheet HTML 843Page - Renesas Technology Corp SH7721 Datasheet HTML 844Page - Renesas Technology Corp SH7721 Datasheet HTML 845Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 841 / 1524 page
background image
Section 24
USB Host Controller (USBH)
Rev. 3.00 Jan. 18, 2008 Page 779 of 1458
REJ09B0033-0300
24.3.7
HCCA Register (USBHHCCA)
USBHHCCA includes physical addresses of the host controller communication area. The host
controller driver determines the alignment limitation by writing 1 to all bits in USBHHCCA and
by reading the content of USBHHCCA. Alignment is evaluated by checking the number of 0 in
the lower bits. The minimum alignment is 256 bytes. Consequently, bits 0 to 7 must be always
returned to 0 when they are read. This area is used to retain the control structure and interrupt table
that are accessed by the host controller and host controller driver.
Bit
Bit Name
Initial
Value
R/W
Description
31 to 8
HCCA23 to
HCCA0
All 0
R/W
HCCA
Physical addresses of the host controller communication
area
7 to 0
All 0
R
Reserved
These bits are always read as 0. The write value should
always be 0.
24.3.8
Hc Period Current ED Register (USBHPCED)
USBHPCED includes a physical address of current Isochronous ED or Interrupt ED.
Bit
Bit Name
Initial
Value
R/W
Description
31 to 4
PCED27 to
PCED0
All 0
R
PCED
Physical address of current Isochronous ED or Interrupt
ED
3 to 0
All 0
R
Reserved
These bits are always read as 0. The write value should
always be 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com