Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 845 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 845 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 841Page - Renesas Technology Corp SH7721 Datasheet HTML 842Page - Renesas Technology Corp SH7721 Datasheet HTML 843Page - Renesas Technology Corp SH7721 Datasheet HTML 844Page - Renesas Technology Corp SH7721 Datasheet HTML 845Page - Renesas Technology Corp SH7721 Datasheet HTML 846Page - Renesas Technology Corp SH7721 Datasheet HTML 847Page - Renesas Technology Corp SH7721 Datasheet HTML 848Page - Renesas Technology Corp SH7721 Datasheet HTML 849Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 845 / 1524 page
background image
Section 24
USB Host Controller (USBH)
Rev. 3.00 Jan. 18, 2008 Page 783 of 1458
REJ09B0033-0300
24.3.15
Hc Frame Remaining Register (USBHFR)
USBHFR is a 14-bit down counter indicating the bit time remaining in the current frame.
Bit
Bit Name
Initial
Value
R/W
Description
31
FRT
0
R/W
Frame Remaining Toggle
This bit is always loaded from the FIT bit in Hc Fm interval
when FR reaches 0. This bit is used by HCD for the
synchronization between FI and FR.
30 to 14
All 0
R
Reserved
These bits are always read as 0. The write value should
always be 0.
13 to 0
FR13 to FR0 All 0
R/W
Frame Remaining
This counter is decremented at each bit time. When this
counter reaches 0, this counter is reset by loading the
value of the FI bit specified in USBHFI at the next bit time
boundary. When the host controller transits to the
UsbOperational state, it read the FI bit in USBHFI again
and uses the updated value from the next SOF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com