Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 849 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 849 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 845Page - Renesas Technology Corp SH7721 Datasheet HTML 846Page - Renesas Technology Corp SH7721 Datasheet HTML 847Page - Renesas Technology Corp SH7721 Datasheet HTML 848Page - Renesas Technology Corp SH7721 Datasheet HTML 849Page - Renesas Technology Corp SH7721 Datasheet HTML 850Page - Renesas Technology Corp SH7721 Datasheet HTML 851Page - Renesas Technology Corp SH7721 Datasheet HTML 852Page - Renesas Technology Corp SH7721 Datasheet HTML 853Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 849 / 1524 page
background image
Section 24
USB Host Controller (USBH)
Rev. 3.00 Jan. 18, 2008 Page 787 of 1458
REJ09B0033-0300
24.3.19
Hc Rh Descriptor A Register (USBHRDA)
USBHRDA is the first register of two registers describing the features of the root hub. The reset
value is implementation specific. The descriptor length (11), descriptor type (TBD), and the hub
controller current bit (0) of Class Descriptor of the hub are emulated by HCD. All other bits are
placed in USBHRDA and USBHRDB.
Bit
Bit Name
Initial
Value
R/W
Description
31
30
29
28
27
26
25
24
POTPGT7
POTPGT6
POTPGT5
POTPGT4
POTPGT3
POTPGT2
POTPGT1
POTPGT0
0
0
0
0
0
0
1
0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Power On To Power Good Time
These bits specify the time required for waiting before
accessing the power-on port of the root hub. These bits
are implementation specific. The unit of time is 2 ms. The
time is calculated as POTPGT
× 2 ms.
23 to 13
All 0
R
Reserved
These bits are always read as 0. The write value should
always be 0.
12
NOCP
1
R/W
No Over Current Protection
This bit selects how the over-current status of the root hub
is reported. When this bit is cleared, the OCPM bit
specifies global report or report at each port.
0: Over-current status is collectively reported for all
downstream ports
1: Over-current protection is not supported
11
OCPM
0
R/W
Over Current Protection Mode
This bit selects how the over-current status in the root-hub
port is reported. At reset, this bit reflects the same mode of
PowerSwitchingMode. When the NOCP bit is cleared, this
bit is valid.
0: Over-current status is collectively reported for all
downstream ports
1: Over-current protection is not supported
10
DT
0
R
Device Type
This bit indicates that the USB Host Controller is not a
compound device. Always set this bit to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com