Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 853 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 853 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 849Page - Renesas Technology Corp SH7721 Datasheet HTML 850Page - Renesas Technology Corp SH7721 Datasheet HTML 851Page - Renesas Technology Corp SH7721 Datasheet HTML 852Page - Renesas Technology Corp SH7721 Datasheet HTML 853Page - Renesas Technology Corp SH7721 Datasheet HTML 854Page - Renesas Technology Corp SH7721 Datasheet HTML 855Page - Renesas Technology Corp SH7721 Datasheet HTML 856Page - Renesas Technology Corp SH7721 Datasheet HTML 857Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 853 / 1524 page
background image
Section 24
USB Host Controller (USBH)
Rev. 3.00 Jan. 18, 2008 Page 791 of 1458
REJ09B0033-0300
Bit
Bit Name
Initial
Value
R/W
Description
1
OCI
0
R
Over Current Indicator
This bit reports the over-current condition. When this bit is
set, an over-current condition exists. When this bit is
cleared, all power operations are normal. This bit is always
0 when the over-current protection at each port is carried
out.
0: All power operations are normal
1: An over-current condition exists
(Read) Local Power Status
The root hub does not support the local power status
function. Therefore, the bit is always read 0.
0
LPS
0
R/W
(Write) Clear Global Power
This bit is written to 1 to power on (the PPS bit in
USBHRPS is cleared) all ports in global power mode
(PSM in USBHRDA = 0).
In the power mode at each port, the PPS bit is cleared to
the port in which the PPCM bit is not set. Writing a 0 has
no effect.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com