Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 850 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 850 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 846Page - Renesas Technology Corp SH7721 Datasheet HTML 847Page - Renesas Technology Corp SH7721 Datasheet HTML 848Page - Renesas Technology Corp SH7721 Datasheet HTML 849Page - Renesas Technology Corp SH7721 Datasheet HTML 850Page - Renesas Technology Corp SH7721 Datasheet HTML 851Page - Renesas Technology Corp SH7721 Datasheet HTML 852Page - Renesas Technology Corp SH7721 Datasheet HTML 853Page - Renesas Technology Corp SH7721 Datasheet HTML 854Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 850 / 1524 page
background image
Section 24
USB Host Controller (USBH)
Rev. 3.00 Jan. 18, 2008 Page 788 of 1458
REJ09B0033-0300
Bit
Bit Name
Initial
Value
R/W
Description
9
NPS
1
R/W
No Power Switching
This bit selects whether the power switching is supported
or ports are always power-supplied. This bit is
implementation specific. When this bit is cleared, the PSM
bit specifies the global/port switching.
0: Ports can be power-switched
1: Ports are always powered on when the host controller is
powered on
Note:
Since the initial value is 1, first clear this bit (write 0
with the HCD) to enable power switching of the
port.
8
PSM
0
R/W
Power Switching Mode
This bit specifies how the power switching of the root-hub
port is controlled. This bit is implementation specific. This
bit is valid only when the NPS bit is cleared.
0: All ports are simultaneously power-supplied
1: Each port is power-supplied individually. In this mode,
the port power is controlled with either of global/port
switching. When the PPCM bit in USBHRDB is set, the
port is reacted only to the port-power command
(set/clear port power). When the port mask is cleared,
the port is controlled only by the global power-switch
(set/clear global power).
7
6
5
4
3
2
1
0
NDP7
NDP6
NDP5
NDP4
NDP3
NDP2
NDP1
NDP0
0
0
0
0
0
0
1
0
R
Number Down stream Ports
These bits specify the number of downstream ports
supported by the root hub. These bits are implementation
specific.
In this LSI, their value is H'2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com