Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 854 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 854 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 850Page - Renesas Technology Corp SH7721 Datasheet HTML 851Page - Renesas Technology Corp SH7721 Datasheet HTML 852Page - Renesas Technology Corp SH7721 Datasheet HTML 853Page - Renesas Technology Corp SH7721 Datasheet HTML 854Page - Renesas Technology Corp SH7721 Datasheet HTML 855Page - Renesas Technology Corp SH7721 Datasheet HTML 856Page - Renesas Technology Corp SH7721 Datasheet HTML 857Page - Renesas Technology Corp SH7721 Datasheet HTML 858Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 854 / 1524 page
background image
Section 24
USB Host Controller (USBH)
Rev. 3.00 Jan. 18, 2008 Page 792 of 1458
REJ09B0033-0300
24.3.22
Hc Rh Port Status 1 and Hc Rh Port Status 2 Registers (USBHRPS1, USBHRPS2)
USBHRPS 1 and USBHRPS 2 registers are used for base-controlling each port and to report the
port event. The lower word is used to reflect the port status while the upper word reflects the status
change. Some status bits have special writing (see below). If an attempt to write to a bit indicating
a change in port status occurs when a transaction in which a token is passed via a handshake is in
progress, the writing to the bit is delayed until the transaction is completed. Always write reserved
bits to 0.
Bit
Bit Name
Initial
Value
R/W
Description
31 to 21
All 0
R
Reserved
These bits are always read as 0. The write value should
always be 0.
20
PRSC
0
R/W
Port Reset Status Change
This bit is set when the 10 ms port reset signal has
completed.
Writing a 1 clears this bit; writing a 0 has no effect.
0: Port reset is not complete
1: Port reset is complete
19
OCIC
0
R/W
Port Over Current Indicator Change
This bit is valid when an over-current condition is reported
on the base of each port. This bit is set when the root hub
changes the POCI bit. Writing a 1 clears this bit. Writing a
0 has no effect.
0: PortOverCurrentIndicator not changed
1: PortoverCurrentIndicator changed
18
PSSC
0
R/W
Port Suspend Status Change
This bit is set when all resume sequences have
completed. These sequences include 20 ms resume
pulse, LS EOP, and 3 ms resychronization delay. Writing a
1 clears this bit. Writing a 0 has no effect. This bit is
cleared also when the PRSC bit is set.
0: Port resume not completed
1: Port resume completed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com