Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 856 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 856 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 852Page - Renesas Technology Corp SH7721 Datasheet HTML 853Page - Renesas Technology Corp SH7721 Datasheet HTML 854Page - Renesas Technology Corp SH7721 Datasheet HTML 855Page - Renesas Technology Corp SH7721 Datasheet HTML 856Page - Renesas Technology Corp SH7721 Datasheet HTML 857Page - Renesas Technology Corp SH7721 Datasheet HTML 858Page - Renesas Technology Corp SH7721 Datasheet HTML 859Page - Renesas Technology Corp SH7721 Datasheet HTML 860Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 856 / 1524 page
background image
Section 24
USB Host Controller (USBH)
Rev. 3.00 Jan. 18, 2008 Page 794 of 1458
REJ09B0033-0300
Bit
Bit Name
Initial
Value
R/W
Description
(Read) Low Speed Device Attached
This bit indicates the speed of the device attached to this
port. When this bit is set, a low-seed device is attached to
this port. When this bit is cleared, a full-speed device is
attached to this port. This bit is valid only when the CCS
bit is set.
0: A full-speed device is set
1: A low-speed device is set
9
LSDA
0
R/W
(Write) Clear Port Power
Writing a 1 clears the PPS bit. Writing a 0 has no effect.
(Read) Port Power Status
This bit reflects the power state of the port regardless of
the power-switching mode to be executed.
However, because the initial value of the NPS bit of the
USBHRDA is 1, this bit is first fixed to 1. The NPS bit must
first be cleared before the power is switched, as shown
below.
When an over-current condition is detected, this bit is
cleared. Writing SetPortPower or SetGlovalPower sets this
bit. Writing ClearPortPower or ClearGlobalPower clears
this bit. The PSM bit in USBHRDA and the PPCM bit in
USBHRDB determine which power control switch can be
used. Only Set/ClearGlobalPower controls this bit in global
switching mode (PSM= 0). If the PPCM bit of that port is
set in power switching mode (PSM = 1), only the
Set/ClearPortPower command is enabled. If the mask is
not set, the Set/ClearGlovalPowerCommand is enabled.
When the port power is disabled, the CCS, PES, PSS, and
PRS are reset.
0: Port power is off
1: Port power is on
Note:
If power switching is not supported, this bit is
always read as 1.
8
PPS
1
R/W
(Write) Set Port Power
Writing a 1 sets the PPS bit. Writing a 0 has no effect.
7 to 5
All 0
R
Reserved
These bits are always read as 0. The write value should
always be 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com