Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 857 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 857 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 853Page - Renesas Technology Corp SH7721 Datasheet HTML 854Page - Renesas Technology Corp SH7721 Datasheet HTML 855Page - Renesas Technology Corp SH7721 Datasheet HTML 856Page - Renesas Technology Corp SH7721 Datasheet HTML 857Page - Renesas Technology Corp SH7721 Datasheet HTML 858Page - Renesas Technology Corp SH7721 Datasheet HTML 859Page - Renesas Technology Corp SH7721 Datasheet HTML 860Page - Renesas Technology Corp SH7721 Datasheet HTML 861Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 857 / 1524 page
background image
Section 24
USB Host Controller (USBH)
Rev. 3.00 Jan. 18, 2008 Page 795 of 1458
REJ09B0033-0300
Bit
Bit Name
Initial
Value
R/W
Description
(Read) Port Reset Status
When this bit is set by writing to SetPortReset, the port
reset signal is output. This bit is cleared when PRSC is set
upon completion of a reset. When the CCS is cleared, this
bit is not set.
0: Port reset signal is not active
1: Port reset signal is active
4
PRS
0
R/W
(Write) Set Port Reset
Writing a 1 sets PortReset signal. Writing a 0 has no
effect. When the CCS bit is cleared, this write does not set
the PRS bit, instead, sets the CSC bit. This reports a reset
of the power disconnection port to the driver.
(Read) Port Over Current Indicator
This bit is valid only when a root hub is placed in such a
way that an over-current condition is reported on the base
of each port. If the over-current report at each port is not
supported, this bit is cleared to 0. If this bit is cleared, all
power controls are normal in this port. If this bit is set, an
over-current status exists in this port. This bit always
reflects an over-current input signal.
0: No over-current condition
1: Over-current condition is detected
3
POCI
0
R/W
(Write) Clear Suspend Status
Writing a 1 initiates a resume. Writing a 0 has no effect. If
the PSS bit is set, a resume is initiated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com