Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 861 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 861 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 857Page - Renesas Technology Corp SH7721 Datasheet HTML 858Page - Renesas Technology Corp SH7721 Datasheet HTML 859Page - Renesas Technology Corp SH7721 Datasheet HTML 860Page - Renesas Technology Corp SH7721 Datasheet HTML 861Page - Renesas Technology Corp SH7721 Datasheet HTML 862Page - Renesas Technology Corp SH7721 Datasheet HTML 863Page - Renesas Technology Corp SH7721 Datasheet HTML 864Page - Renesas Technology Corp SH7721 Datasheet HTML 865Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 861 / 1524 page
background image
Section 24
USB Host Controller (USBH)
Rev. 3.00 Jan. 18, 2008 Page 799 of 1458
REJ09B0033-0300
24.4.2
Storage Format of the Descriptor
ED (endpoint descriptor) and TD (transfer descriptor) that define each transfer transaction of USB
Host Controller must be aligned so that each Dword corresponds to the long-word boundary
(addresses 4n to 4n + 3) of the memory.
24.5
Data Alignment Restriction of USB Host Controller
24.5.1
Restriction on the Line Boundary of the Synchronous DRAM
The transferred data is stored in shared system memory with CPU. The data alignment in system
memory are restricted depends on SDRAM specification which is used as system memory.
n
n+1
n+2
DRAM
Row address
Memory area
Row address
Row address
(1)
(2)
(3)
In above figure, transfer data 1 and 3 are able to be read or written by USB Host Controller. But
transfer data 2 are possibly unable to be read or written by USB Host controller. Any data, which
have possibility to be accessed by USB Host Controller, must be aligned in SDRAM not to cross
row address alignment.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com