Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 862 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 862 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 858Page - Renesas Technology Corp SH7721 Datasheet HTML 859Page - Renesas Technology Corp SH7721 Datasheet HTML 860Page - Renesas Technology Corp SH7721 Datasheet HTML 861Page - Renesas Technology Corp SH7721 Datasheet HTML 862Page - Renesas Technology Corp SH7721 Datasheet HTML 863Page - Renesas Technology Corp SH7721 Datasheet HTML 864Page - Renesas Technology Corp SH7721 Datasheet HTML 865Page - Renesas Technology Corp SH7721 Datasheet HTML 866Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 862 / 1524 page
background image
Section 24
USB Host Controller (USBH)
Rev. 3.00 Jan. 18, 2008 Page 800 of 1458
REJ09B0033-0300
24.5.2
Restriction on the Memory Access Address
MPS in ED, CBP in General TD, and BP0 and OFFSET0 to 7 in Ischoronous TD must be set in
multiples of 4 (4n). In the OpenHCI standard, 1 packet is transferred by ITD in General TD and 1
packet by 1 offset in Ischronous TD during IN transfer. In addition, when the amount of the data
specified by TD during OUT transfer exceeds MAXPACKETSIZE (MPS), a packet transmission
is carried out in MAXPACKETSIZE. Therefore, the setting value can be made as above. This
restriction is due to the difference between the specifications of the HCI interface which is the
standard of the IP bus interface of USB and of the bus interface of this LSI. Data might be
correctly written to if data is transferred from addresses other than 4n address. For example, when
a two-byte transfer is carried out from the address that terminates at 1, a long-word transfer is
carried out and an unexpected data is written to starting address 0.
24.6
Accessing External Address from the USB Host
Accessing the external address from the USB Host is carried out as follows:
• When reading, 4, 8, 12, or 16-byte transfer in longword units.
• When writing, 1 to 16-byte transfer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com