Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 865 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 865 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 861Page - Renesas Technology Corp SH7721 Datasheet HTML 862Page - Renesas Technology Corp SH7721 Datasheet HTML 863Page - Renesas Technology Corp SH7721 Datasheet HTML 864Page - Renesas Technology Corp SH7721 Datasheet HTML 865Page - Renesas Technology Corp SH7721 Datasheet HTML 866Page - Renesas Technology Corp SH7721 Datasheet HTML 867Page - Renesas Technology Corp SH7721 Datasheet HTML 868Page - Renesas Technology Corp SH7721 Datasheet HTML 869Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 865 / 1524 page
background image
Section 25
USB Function Controller (USBF)
IFUSB00B_000020020700
Rev. 3.00 Jan. 18, 2008 Page 803 of 1458
REJ09B0033-0300
Section 25
USB Function Controller (USBF)
This LSI incorporates an USB function controller (USBF).
25.1
Features
• UDC (USB device controller) conforming to USB1.1 processes incorporated USB protocol
automatically.
Automatic processing of USB standard commands for endpoint 0 (some commands and
class/vendor commands require decoding and processing by firmware)
• Transfer speed: Full-speed
• Endpoint configuration: An arbitrary endpoint configuration can be set
The arbitrary endpoint can be configured by setting the correspondence between the endpoint
(the endpoint number used by the USB host) and the EP FIFO number that is provided by this
USB function controller (the transfer method and direction are fixed).
EP FIFO
Number
Abbreviation Transfer Type
Maximum
Packet Size
FIFO Buffer
Capacity (Byte) DMA Transfer
EP0s
Setup
8
8
EP0i
Control-in
8
8
Endpoint 0
EP0o
Control-out
8
8
Endpoint 1
EP1
Bulk-out
64
128
Possible
Endpoint 2
EP2
Bulk-in
64
128
Possible
Endpoint 3
EP3
Interrupt
8
8
Endpoint 4
EP4
Isochronous-out
64
128
Endpoint 5
EP5
Isochronous-in
64
128
• Interrupt requests: generates various interrupt signals necessary for USB
transmission/reception
• Clock: External input (48 MHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com